Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM3518 Arkusz danych(PDF) 1 Page - Sharp Corporation

Numer części SM3518
Szczegółowy opis  4-Bit Single-Chip Microcomputer(For Data Bank Use)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SHARP [Sharp Corporation]
Strona internetowa  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3518 Arkusz danych(HTML) 1 Page - Sharp Corporation

  SM3518 Datasheet HTML 1Page - Sharp Corporation SM3518 Datasheet HTML 2Page - Sharp Corporation SM3518 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
SM3518
DESCRIPTION
The SM3518 is a CMOS 4-bit single-chip micro-
computer for databank incorporating data memory
RAM, LCD driver (the output is adjustable in 16
steps for various contrast), key/switch input circuit,
8-bit parallel I/O port, 2 output ports and buzzer
output circuit. The chip also has memory expansion
controlling feature. One of two ports contains spe-
cial output circuit for infrared (IR) communication.
By connecting an external crystal, a 1 Hz timer is
made possible for easier clock function.
FEATURES
• ROM capacity :
Program ROM
12 k x 23 bits
Character ROM
6 x 8 x 256 bits
Constant ROM
1 k x 4 bits
• RAM capacity :
Working RAM
256 x 4 bits
Display RAM
74 x 16 bits
Data RAM
3 k x 8 bits
• Memory expansion (external) : 1M x 8 bits x 3
• LCD display : 74 - segment x 16 - common
• I/O ports :
Parallel I/O
8 bits
Input
2 bits
Output
2 bits
Buzzer output
1 bit (4 kHz)
Key input
6 bits
• Standby release : 2 events (2 Hz signal, key input)
• Built-in oscillator :
• Instruction cycle time : 3 µs
• Operating temperature : –10 to +60°C
• Supply voltage : 2.5 to 5.5 V
• Package : 128-pin QFP (QFP128-P-2828)
[Test Sample only]
SM3518
4-Bit Single-Chip Microcomputer
(For Data Bank Use)
System clock (built-in CR oscillator)
1 MHz
(external ceramic resonator)
1 MHz
Timer (built-in CR oscillator)
32.8 kHz
(external crystal)
32.768 kHz


Podobny numer części - SM3518

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SM3518 AUK-SM3518 Datasheet
165Kb / 3P
LED Lamp
logo
KODENSHI_AUK CORP.
SM3518 KODENSHI-SM3518 Datasheet
255Kb / 3P
LAMP LED
logo
AUK corp
SM3518B AUK-SM3518B Datasheet
165Kb / 3P
LED Lamp
More results

Podobny opis - SM3518

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com