Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

593LP3E Arkusz danych(PDF) 3 Page - Hittite Microwave Corporation

Numer części 593LP3E
Szczegółowy opis  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

593LP3E Arkusz danych(HTML) 3 Page - Hittite Microwave Corporation

  593LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 593LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 192
LNA Output IP3 vs. Temperature
LNA Input Return Loss
vs. Temperature @ Vdd= 3V
LNA Input Return Loss
vs. Temperature @ Vdd= 5V
LNA Output IP3 vs. Vdd
LNA Output Return Loss
vs. Temperature @ Vdd= 3V
LNA Output Return Loss
vs. Temperature @ Vdd= 5V
10
14
18
22
26
30
34
3.3
3.4
3.5
3.6
3.7
3.8
2.4V
2.7V
3.0V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
16
18
20
22
24
26
28
30
32
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd = 5V
Vdd = 3V
-25
-20
-15
-10
-5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-40
-30
-20
-10
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
-40
-30
-20
-10
0
3.3
3.4
3.5
3.6
3.7
3.8
+25C
+85C
-40C
FREQUENCY (GHz)
HMC593LP3 / 593LP3E
v03.0309
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com