Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC727LC3C Arkusz danych(PDF) 3 Page - Hittite Microwave Corporation

Numer części HMC727LC3C
Szczegółowy opis  14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC727LC3C Arkusz danych(HTML) 3 Page - Hittite Microwave Corporation

  HMC727LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 3
HMC727LC3C
v03.1010
14 Gbps, FAST RISE TIME
D-TYPE FLIP-FLOP
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com