Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FD2000 Arkusz danych(PDF) 12 Page - Finechips

Numer części FD2000
Szczegółowy opis  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FINECHIPS [Finechips]
Strona internetowa  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Arkusz danych(HTML) 12 Page - Finechips

Back Button FD2000 Datasheet HTML 8Page - Finechips FD2000 Datasheet HTML 9Page - Finechips FD2000 Datasheet HTML 10Page - Finechips FD2000 Datasheet HTML 11Page - Finechips FD2000 Datasheet HTML 12Page - Finechips FD2000 Datasheet HTML 13Page - Finechips FD2000 Datasheet HTML 14Page - Finechips FD2000 Datasheet HTML 15Page - Finechips FD2000 Datasheet HTML 16Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
FD2000
Rev1.0
12/37
7. RESET FUNCTION
The FD2000 is reset when a low level is applied to the RESETB pin at power on and, in normal mode. On a reset
the FD2000 create a display with all LCD panels turned off. However, after a reset applications must set the
contents of DCRAM, ADRAM, and CGRAM before turning on display with a “display on/off control” instruction
since the contents of these memories are undefined. That is, applications must execute the following instructions.
− Set display technique
− DCRAM data write
− ADRAM data write (If ADRAM is used.)
− CGRAM data write (If CGRAM is used.)
− Set AC address
After executing the above instructions, applications must turn on the display with a “display on/off control”
instruction. Note that when applications turn off in the normal mode, applications must turn off the display with a
“display on/off control” instruction. (See the detailed instruction descriptions.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37