Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11660RV Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LB11660RV
Szczegółowy opis  Single-Phase Full-Wave Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11660RV Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LB11660RV Datasheet HTML 1Page - Sanyo Semicon Device LB11660RV Datasheet HTML 2Page - Sanyo Semicon Device LB11660RV Datasheet HTML 3Page - Sanyo Semicon Device LB11660RV Datasheet HTML 4Page - Sanyo Semicon Device LB11660RV Datasheet HTML 5Page - Sanyo Semicon Device LB11660RV Datasheet HTML 6Page - Sanyo Semicon Device LB11660RV Datasheet HTML 7Page - Sanyo Semicon Device LB11660RV Datasheet HTML 8Page - Sanyo Semicon Device LB11660RV Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB11660RV
No.A0082-2/9
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC maximum power supply voltage
VCC max
20
V
VM maximum power supply voltage
VM max
20
V
OUT pin maximum output current
IOUT max
Rf
≥0.39Ω
1.5
A
OUT pin output withstand voltage 1
VOUT max1
20
V
OUT pin output withstand voltage 2
VOUT max2
T
≤0.4µs
26.5
V
PRE pin maximum source current
IPSO max
30
mA
PRE pin maximum sink current
IPSI max
-7
mA
PRE pin output withstand voltage
VP max
20
V
HB maximum output current
HB
10
mA
VTH input pin withstand voltage
VTH max
7
V
RD output pin output withstand voltage
VRD max
18
V
RD output current
IRD max
10
mA
Allowable power dissipation
Pd max
Mounted on a specified board *1
0.8
W
Operating temperature range
Topr
*2
-30 to 95
°C
Storage temperature range
Tstg
-55 to 150
°C
*1 A circuit board for mounting (114.3mm
×76.1mm×1.6mm, glass epoxy resin)
*2 Tj max = 150
°C. Must be used within the operating temperature range in which Tj does not exceed 150°C.
Recommended Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC power supply voltage
VCC
4 to 15
V
VM power supply voltage
VCC
3 to 15
V
Current limiter operating range
ILIM
0.6 to 1.2
A
VTH input level voltage range
VTH
0 to 6
V
Hall input common phase input voltage range
VICM
0.2 to 3
V
Electrical Characteristics at Ta = 25
°C, VCC = 12V, unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit current
ICC1
During driving
9
12
mA
HB voltage
VHB
IHB=5mA
1.05
1.25
1.40
V
6VREG voltage
V6VREG
6VREG=5mA
5.80
6
6.20
V
CT pin H level voltage
VCTH
3.4
3.6
3.8
V
CT pin L level voltage
VCTL
1.4
1.6
1.8
V
ICT pin charge current 1
ICTC1
VCC=12V
1.7
2.2
2.7
µA
ICT pin charge current 2
ICTC2
VCC=6V
1.3
1.8
2.3
µA
ICT pin discharge current 1
ICTD1
VCC=12V
0.11
0.15
0.19
µA
ICT pin discharge current 2
ICTD2
VCC=6V
0.34
0.44
0.54
µA
ICT charge/discharge ratio 1
RCT1
VCC=12V
12
15
18
ICT charge/discharge ratio 2
RCT2
VCC=6V
3
4
5
ICT charge/discharge ratio threshold
voltage
VRCT
6
6.6
7.3
V
VTH bias current
IBVTH
-2
-1
0
µA
OUT output H saturation voltage
VOH
IO=200mA, RL=1Ω
0.6
0.8
V
PRE output L saturation voltage
VPL
IO=5mA
0.2
0.4
V
PRE output H saturation voltage
VPH
IO= -20mA
0.9
1.2
V
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com