Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EC400-124 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części EC400-124
Szczegółowy opis  High Voltage DC Filter Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EC400-124 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  EC400-124 Datasheet HTML 1Page - Vishay Siliconix EC400-124 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 13015
For technical questions, contact: esta@vishay.com
www.vishay.com
Revision: 11-Aug-10
1
High Voltage DC Filter Capacitors
EC
Vishay ESTA
TYPE EC
The EC range of capacitors are similar in design to the ET
range but are housed in a more robust container. They are
manufactured using a mixed dielectric material that consists
of polyester/polypropylene film and capacitor tissue. They
are impregnated and filled with a mineral oil. The container
is a Synthetic Resin Bonded Paper (SRBP) tube sealed at
both ends with resin assuring a hermetic seal. The
capacitors may be used in air, oil or SF6. They are
terminated with M6 studs x 15 mm long or tinned copper
wire.
Note
• The impregnant used is a non toxic highly purified and inhibited
mineral oil
APPLICATIONS
The EC range of capacitors are specifically designed for
high voltage filters and can be sucessfully used in the
following applications:
• High voltage smoothing
• Induction heating
• RT transmitter power supplies
• X-ray power supplies
TEMPERATURE RANGE
Temperature range is - 40 °C to + 85 °C. Derating is required
for operation at higher temperatures.
TEMPERATURE COEFFICIENT
Capacitance will increase by 2 % per 100 °C temperature
rise.
CAPACITANCE RANGE
0.001 μF to 2 μF. The tolerance is ± 10 %. Other tolerance
are available on request. Normal values measured at 1 kHz.
VOLTAGE RANGE
1000 VDC to 100 000 VDC
TEST VOLTAGE
Terminal/terminal (Vt/t)
For DC rating < 20 kV
Vt/t = 2.0 x rated voltage 60 s
For DC rating > 20 kV
Vt/t = 1.5 x rated voltage 60 s
DIMENSIONS in millimeters
TYPE DESCRIPTION
PART NUMBER
CAP.
μF
L
mm
D
mm
10 kV
EC100-104
0.1
115
65
EC100-254
0.25
140
75
EC100-504
0.5
205
95
20 kV
EC200-503
0.05
180
65
EC200-104
0.1
230
65
EC200-254
0.25
280
75
EC200-504
0.5
360
95
30 kV
EC300-253
0.025
245
65
EC300-503
0.05
320
65
EC300-104
0.1
395
65
EC300-254
0.25
510
75
40 kV
EC400-253
0.025
305
65
EC400-503
0.05
410
65
EC400-104
0.01
345
95
EC400-124
0.12
440
95
50 kV
EC500-103
0.01
270
65
EC500-253
0.025
335
65
EC500-503
0.05
430
75
EC500-104
0.1
430
95
60 kV
EC600-502
0.005
310
65
EC600-103
0.01
310
75
EC600-253
0.025
390
75
EC600-503
0.05
500
75
EC600-104
0.1
615
95
80 kV
EC800-502
0.005
400
65
EC800-103
0.01
400
75
EC800-253
0.025
500
95
EC800-503
0.05
650
95
100 kV
EC1000-502
0.005
485
65
EC1000-103
0.01
485
75
EC1000-253
0.025
610
95
120 kV
EC1200-502
0.005
425
75
15
15
L
D
5


Podobny numer części - EC400-124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Extech Instruments Corp...
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
Conductivity / TDS / Salinity / Temperature Meter
EC400 EXTECH-EC400 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
logo
List of Unclassifed Man...
EC4006 ETC2-EC4006 Datasheet
211Kb / 8P
DC/DC WHITE LIGHT LED DRIVER
EC4006M ETC2-EC4006M Datasheet
211Kb / 8P
DC/DC WHITE LIGHT LED DRIVER
More results

Podobny opis - EC400-124

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
EPR150-104 VISHAY-EPR150-104 Datasheet
692Kb / 3P
High Voltage DC Capacitors
11-Aug-10
ER10-104 VISHAY-ER10-104 Datasheet
397Kb / 4P
DC Filter Capacitors
11-Aug-10
ET10-103 VISHAY-ET10-103 Datasheet
356Kb / 4P
DC Filter Capacitors
11-Aug-10
logo
MORNSUN Science& Techno...
LS03-05B05S-FPT MORNSUN-LS03-05B05S-FPT Datasheet
652Kb / 4P
HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
logo
API Technologies Corp
1280-060 APITECH-1280-060 Datasheet
54Kb / 2P
HIGH VOLTAGE FILTER
logo
STMicroelectronics
SCT10N120 STMICROELECTRONICS-SCT10N120 Datasheet
791Kb / 14P
High voltage DC-DC converters
23-May-2016
SCT50N120 STMICROELECTRONICS-SCT50N120 Datasheet
708Kb / 11P
High voltage DC-DC converters
03-Apr-2017
logo
Vishay Siliconix
EPR VISHAY-EPR Datasheet
85Kb / 3P
High Voltage DC Filter Capacitors
22-Nov-2019
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com