| Zakładka z wyszukiwarką danych komponentów |
|
TS3011ICT Arkusz danych(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS3011ICT Arkusz danych(HTML) 11 Page - STMicroelectronics |
|
11 / 14 page ![]() TS3011 Package information Doc ID 022078 Rev 1 11/14 3.2 SC70-5 (SOT323-5) package mechanical data Figure 20. SC70-5 (or SOT323-5) package mechanical drawing Table 7. SC70-5 (or SOT323-5) package mechanical data Ref Dimensions Millimeters Inches Min Typ Max Min Typ Max A 0.80 1.10 0.315 0.043 A1 0.10 0.004 A2 0.80 0.90 1.00 0.315 0.035 0.039 b 0.15 0.30 0.006 0.012 c 0.10 0.22 0.004 0.009 D 1.80 2.00 2.20 0.071 0.079 0.087 E 1.80 2.10 2.40 0.071 0.083 0.094 E1 1.15 1.25 1.35 0.045 0.049 0.053 e 0.65 0.025 e1 1.30 0.051 L 0.26 0.36 0.46 0.010 0.014 0.018 <0 ° 8 ° SEATING PLANE GAUGE PLANE DIMENSIONS IN MM SIDE VIEW TOP VIEW COPLANAR LEADS |