Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMA3000 Arkusz danych(PDF) 13 Page - VTI technologies

Numer części CMA3000
Szczegółowy opis  3-axis accelerometer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VTI [VTI technologies]
Strona internetowa  http://www.vti.fi
Logo VTI - VTI technologies

CMA3000 Arkusz danych(HTML) 13 Page - VTI technologies

Back Button CMA3000 Datasheet HTML 9Page - VTI technologies CMA3000 Datasheet HTML 10Page - VTI technologies CMA3000 Datasheet HTML 11Page - VTI technologies CMA3000 Datasheet HTML 12Page - VTI technologies CMA3000 Datasheet HTML 13Page - VTI technologies CMA3000 Datasheet HTML 14Page - VTI technologies CMA3000 Datasheet HTML 15Page - VTI technologies CMA3000 Datasheet HTML 16Page - VTI technologies CMA3000 Datasheet HTML 17Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CMA3000 Assembly Instructions
5.8
Moisture sensitivity level (MSL) classification
The Moisture Sensitivity Level of the CMA3000 component is Level 2 according to the IPC/JEDEC
J-STD-020D. The part is delivered in a dry pack. The manufacturing floor time (out of bag) at the
customer’s end is 1 year. Maximum soldering peak temperature for the CMA3000 component is
260
°C and maximum time above 255°C is 30sec, measured from the package body, as specified
in IPC/JEDEC J-STD-020D.
5.9
Inspection
The CMA3000 component's solder joint quality can be inspected with similar methods as any other
solder sphered SMD component. Optical and visual inspection can be done only partly, since the
solder spheres are located beneath the component. However, the visual inspection is
recommended for checking the proper alignment and level of the component. X-ray inspection is
recommended for checking voids, solder bridges, and short-circuits between the solder joints.
Cross-sectional analysis is also an approved method for inspection of metallurgical integrity and
wettability of the solder joints. An example of properly soldered CMA3000 component is illustrated
in Figure 10.
Figure 11.
SEM-image of a properly soldered CMA3000 component.
Subject to changes
TN68
13/18
Rev.09
PRELIMINARY
VTI Technologies Oy
www.vti.fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18