Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBOR-B Arkusz danych(PDF) 2 Page - Glenair, Inc.

Numer części CBOR-B
Szczegółowy opis  CB Series ?쏱ogoPin??Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GLENAIR [Glenair, Inc.]
Strona internetowa  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

CBOR-B Arkusz danych(HTML) 2 Page - Glenair, Inc.

  CBOR-B Datasheet HTML 1Page - Glenair, Inc. CBOR-B Datasheet HTML 2Page - Glenair, Inc. CBOR-B Datasheet HTML 3Page - Glenair, Inc. CBOR-B Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
11
E-Mail: sales@glenair.com
CB Series “PogoPin” Connectors
All dimensions in millimeters (mm). Information subject to change without notice.
Contact Types
Solder cup contacts accept up to
#20 AWG stranded wire (1mm max.
diameter). PC tail contacts are available
in two lengths: 3.5 mm and 8.0 mm
Receptacles feature non-removable solder cup contacts for up to #20
AWG wire or printed circuit board terminals. Contacts are plated with hard gold.
Stainless steel connector body and jam nut. Shell is plated with black chromate
finish. Silicone face seal and O-ring. Open face pressure rating 0.4 bar. 5000
cycles mating durability.
10 Pin Panel Mount Receptacle
10 Pin Receptacle
Connector Mating Face
and Key Positions
Receptacle Connectors for Panel Mounting - 10 Contacts
Mounting
Style
Fig.
Contact
Type
Polarizing
Position N
(White)
Polarizing
Position W
(Blue)
Polarizing
Position X
(Violet)
Polarizing
Position Y
(Chrome
Yellow)
Polarizing
Position Z
(Dark Red)
Jam Nut
Fig. 1 Solder Cup
CB10C1L0 CB10C2L0 CB10C3L0 CB10C4L0 CB10C5L0
Jam Nut
Fig. 1 Short PC Tail
CB10C1L1 CB10C2L1 CB10C3L1 CB10C4L1 CB10C5L1
Jam Nut
Fig. 1 Long PC Tail
CB10C1L2 CB10C2L2 CB10C3L2 CB10C4L2 CB10C5L2
Jam Nut/ Thd. Fig. 2 Solder Cup
CB10T1L0 CB10T2L0 CB10T3L0 CB10T4L0 CB10T5L0
Jam Nut / Thd. Fig. 2 Short PC Tail
CB10T1L1 CB10T2L1 CB10T3L1 CB10T4L1 CB10T5L1
Jam Nut / Thd. Fig. 2 Long PC Tail
CB10T1L2 CB10T2L2 CB10T3L2 CB10T4L2 CB10T5L2
Flange
Fig. 3 Solder Cup
CB10B1L0 CB10B2L0 CB10B3L0 CB10B4L0 CB10B5L0
Flange
Fig. 3 Short PC Tail
CB10B1L1 CB10B2L1 CB10B3L1 CB10B4L1 CB10B5L1
Flange
Fig. 3 Long PC Tail
CB10B1L2 CB10B2L2 CB10B3L2 CB10B4L2 CB10B5L2
Thread-In
Fig. 4 Solder Cup
CB10Q1L0 CB10Q2L0 CB10Q3L0 CB10Q4L0 CB10Q5L0
Thread-In
Fig. 4 Short PC Tail
CB10Q1L1 CB10Q2L1 CB10Q3L1 CB10Q4L1 CB10Q5L1
Thread-In
Fig. 4 Long PC Tail
CB10Q1L2 CB10Q2L2 CB10Q3L2 CB10Q4L2 CB10Q5L2
1 Jamnutreceptacleforrearpanel
mounting (3.0 mm maximum panel
thickness). Supplied with stainless
steel jam nut and flat washer. O-ring
provides watertight panel seal. 11
grams maximum weight.
2 JamnutreceptaclewithM14X1
accessory threads for rear panel
mounting (3.5 mm max. panel
thickness). Supplied with stainless
steel jam nut and flat washer. O-ring
provides watertight panel seal. 19
grams maximum weight.
3 Twoholeflangemountreceptaclefor
front panel mounting. Mounting holes
accept M3 screws, not supplied. Use
with optional gasket or O-ring for
watertight panel sealing. 19 grams
maximum weight.
4 "Thread-in"receptaclewithPG9
threads for installation directly into
a tapped hole. Supplied with O-ring.
19 grams maximum weight.
A
C
D
E
F
G
B
Position A
B
Color Code
N
95°
140° White
W
85°
115° Blue
X
100° 105° Violet
Y
110° 120° Chrome Yellow
Z
80°
145° Dark Red
A
B
C
D
E
F
G
H
K
J
A
B
30°
SHORT PC TAIL
Ø 0.53 x 3.5
SOLDER CUP
#20 AWG
8
Style 1
Style 2
Style 3
Style 4
Jam Nut Receptacle



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com