Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJW4600 Arkusz danych(PDF) 2 Page - New Japan Radio

Numer części NJW4600
Szczegółowy opis  White LED Driver for Backlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4600 Arkusz danych(HTML) 2 Page - New Japan Radio

  NJW4600 Datasheet HTML 1Page - New Japan Radio NJW4600 Datasheet HTML 2Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.2010/09/03                                                                         
         2
LED4
OVP
CS
LED3
LED2
LED1
OCP
Current
Sink
OVP
EXT
Current
Setting
Feedback
Control
IGND
ISET
FBI
FBO
LED Open/Short
Protection
Logic
OSC
AGND
TSD
UVLO
Regulator
VDD
EI
FLT
EO
SS
PWM
FSEL
REG
EN
RFBI
RISET
RNF3
RCS
Q1
COUT
D1
L1
RNF1
CNF1
CSS
CREG
CIN
Application
Power Supply
6V~35V
Select Oscillation
Frequency
Low: 800kHz
High:1MHz
PWM Input
Luminance control
FAULT
(Error Flag)
Set up for LED Current
10mA to120mA
Thermal Shut Down
Over Current Protection
Over Voltage Protection
Constant Current with
Open/Short
Protection
NJW4600



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com