Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NJW4603 Arkusz danych(PDF) 2 Page - New Japan Radio

Numer części NJW4603
Szczegółowy opis  White LED Driver for Backlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NJRC [New Japan Radio]
Strona internetowa  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4603 Arkusz danych(HTML) 2 Page - New Japan Radio

  NJW4603 Datasheet HTML 1Page - New Japan Radio NJW4603 Datasheet HTML 2Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ver.2010/09/03                                                                         
         2
Application
NJW4603
OVP
OCP
Current
Sink
Current
Setting
Feedback
Control
IGND
ISET
FBI
FBO
LED Open/Short
Protection
Logic
OSC
AGND
TSD
UVLO
Regulator
VDD
EI
FLT
EO
SS
PWM
FSEL
REG
EN
RFBI
RISET
RNF2
RNF1
CNF1
CSS
CREG
CIN
LED3
LED2
LED1
OVP
OUT
Q1
COUT
D1
L1
PGND
PGND
RT
Built in 40V
MOS FET
Constant Current with
Open/Short
Protection
Set up for LED Current
10mA to 80mA
FAULT
(Error Flag)
PWM Input
Luminance control
Adjustable
Oscillation
Frequency
100kHz to 1MHz
Power Supply
6V~35V



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com