| Zakładka z wyszukiwarką danych komponentów |
|
DTC144TL-AL3-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC144TL-AL3-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTC144T NPN SILICON TRANSISTOR ofwww.unisonic.com.tw 1of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-066.C NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow negative input. EQUIVALENT CIRCUIT ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC144TL-AE3-R DTC144TG-AE3-R SOT-23 E B C Tape Reel DTC144TL-AL3-R DTC144TG-AL3-R SOT-323 E B C Tape Reel DTC144TL-AN3-R DTC144TG-AN3-R SOT-523 E B C Tape Reel Note: Pin Assignment: E: Emitter, B: Base, C: Collector MARKING |
Podobny numer części - DTC144TL-AL3-R |
|
Podobny opis - DTC144TL-AL3-R |