| Zakładka z wyszukiwarką danych komponentów |
|
PA4990L-SM1-R Arkusz danych(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
PA4990L-SM1-R Arkusz danych(HTML) 4 Page - Unisonic Technologies |
|
4 / 8 page ![]() PA4990 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 4 of 8 www.unisonic.com.tw QW-R502-235.D ELECTRICAL CHARACTERISTICS(Cont.) VDD=5V PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage VDD 2.2 5.5 V Output Offset Voltage VOS No input signal 1 10 mV High 1.3 Shutdown Voltage Low VST 0.4 V Supply Current IDD No input signal, no load 3.7 6 mA Shutdown Current SHUTDOWN I No input signal, VSTDBY=GND 10 1000 nA Output Power POUT THD=1% Max, fIN=1kHz 0.9 1.2 W Total Harmonic Distortion+Noise THD+N POUT=1WRMS, Av=2, 20Hz ≤ f ≤20kHz, 0.2 % f=217Hz 55 62 Power Supply Rejection Ratio PSRR Av=2, VRIPPLE=200mVPP, Input Grounded f=1kHz 55 64 dB Wake-Up Time TWU Cb=1μF, no load 90 130 ms Shutdown Time TSTDB Cb=1μF, no load 10 μs |