| Zakładka z wyszukiwarką danych komponentów |
|
78R05G-TF4-R Arkusz danych(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78R05G-TF4-R Arkusz danych(HTML) 6 Page - Unisonic Technologies |
|
6 / 12 page ![]() 78RXX LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 12 www.unisonic.com.tw QW-R102-035.F ELECTRICAL CHARACTERISTICS(Cont.) For 78R09 (VIN=11V) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output Voltage VOUT VIN = 11V 8.78 9 9.22 V Dropout Voltage VD IOUT = 1A 0.5 V Load Regulation ΔVOUT 5mA < IOUT < 1A 0.1 2.0 % Line Regulation ΔVOUT 10V < VIN < 25V 0.5 2.5 % Quiescent Current IQ IOUT = 0 A 10 mA Ripple Rejection RR (Note) 45 55 Db High VDISH Output Active 2.0 V Disable Voltage Low VDISL Output Disabled 0.8 V High IDISH VDIS = 2.7V 0.02 mA Disable Bias Current Low IDISL VDIS = 0.4V -0.4 mA For 78R12 (VIN=14V) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output Voltage VOUT VIN =14V 11.71 12 12.29 V Dropout Voltage VD IOUT = 1A 0.5 V Load Regulation ΔVOUT 5mA < IOUT < 1A 0.1 2.0 % Line Regulation ΔVOUT 13 V < VIN < 25V 0.5 2.5 % Quiescent Current IQ IOUT = 0 A 10 mA Ripple Rejection RR (Note) 45 55 Db High VDISH Output Active 2.0 V Disable Voltage Low VDISL Output Disabled 0.8 V High IDISH VDIS = 2.7V 0.02 mA Disable Bias Current Low IDISL VDIS = 0.4V -0.4 mA For 78R00-ADJ PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Output Voltage VOUT 1.22 1.25 1.28 V Dropout Voltage VD IOUT = 1A 0.5 V Load Regulation ΔVOUT 5mA < IOUT < 1A 0.1 2.0 % Line Regulation ΔVOUT Vo+1V< VIN < Vo+7V 0.5 2.5 % Quiescent Current IQ IOUT = 0 A 10 mA Ripple Rejection RR (Note) 45 55 dB High VDISH Output Active 2.0 V Disable Voltage Low VDISL Output Disabled 0.8 V High IDISH VDIS = 2.7V 0.02 mA Disable Bias Current Low IDISL VDIS = 0.4V -0.4 mA Note: These guaranteed parameters, are not 100% tested in production. |