| Zakładka z wyszukiwarką danych komponentów |
|
UB2KL-AL6-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2KL-AL6-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UB2K DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2008 Unisonic Technologies Co., Ltd QW-R218-006.A GENERAL PURPOSE (DUAL DIGITAL RANSISTORS) DESCRIPTION As a dual digital transistor the UTC UB2K is epitaxial planar type PNP silicon transistor (built in resistor type). FEATURES * Two DTA144E chips in a SOT-363 package. * Transistor elements are independent, eliminating interference. SYMBOL *Pb-free plating product number: UB2KL ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 4 5 6 Packing UB2K-AL6-R UB2KL-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MARKING UB2K Lead Plating 1 |
Podobny numer części - UB2KL-AL6-R |
|
Podobny opis - UB2KL-AL6-R |