| Zakładka z wyszukiwarką danych komponentów |
|
UM2640G-SO8-R Arkusz danych(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UM2640G-SO8-R Arkusz danych(HTML) 5 Page - Unisonic Technologies |
|
5 / 8 page ![]() UM2640 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 8 www.unisonic.com.tw QW-R109-027.b APPLICATION INFORMATION The UTC UM2640 is a two-phase unipolar DC brushes motor pre-driver IC that features high voltage process technology so that the driver works up to 60V. It is suitable for high voltage fan motor applications where 48V operation is required. [example of application circuit] [Design Notes] Above application example is designed for 48V operation with motor current of 300mA. It uses the following components: Hall Elements: HW101A (AKD) TR1, TR2: 2SC4027A (UTC) 1. Design of R4 and R5 B CC I V R CE BE V - V - 4 = Where; VCC is 48V, VCE of UTC UM2640 is 1.5V, VBE of TR1 is 0.7V. IB is the base current of TR1. The pull down resistance R5 (connected to TR1) influences turn-off time of TR1. A typical R5 value is ranging from 1kΩ to 10kΩ. It is highly recommended to determine the value with actual application for better noise performance. |