| Zakładka z wyszukiwarką danych komponentów |
|
UT5003G-S08-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT5003G-S08-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 8 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT5003 Power MOSFET www.unisonic.com.tw 1 of 8 Copyright © 2009 Unisonic Technologies Co., Ltd QW-R502-167.B DUAL ENHANCEMENT MODE (N-CHANNEL/P-CHANNEL) DESCRIPTION The UT5003 can provide excellent RDS (ON) and low gate charge by using UTC’s advanced trench technology. This device is suitable for use as a load switch or in PWM applications. FEATURES * N-Channel: 30V/7A RDS(ON) = 27.5mΩ @ VGS =10V RDS(ON) = 40mΩ @ VGS= 4.5V * P-Channel: -30V/-5A RDS(ON) = 45mΩ @ VGS= -10V RDS(ON) = 80mΩ @ VGS= -4.5V * Super high dense cell design * Reliable and rugged SYMBOL ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing UT5003L-S08-R UT5003G-S08-R SOP-8 Tape Reel |
Podobny numer części - UT5003G-S08-R |
|
Podobny opis - UT5003G-S08-R |