| Zakładka z wyszukiwarką danych komponentów |
|
UT6401 Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT6401 Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT6401 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-151.B P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT6401 is P-channel enhancement mode Power MOSFET, designed with high density cell, with fast switching speed, low on-resistance, excellent thermal and electrical capabilities, operation with low gate charge. This device is suitable for use as a load switch or in PWM applications. SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Plating Halogen Free Package 1 2 3 4 5 6 Packing UT6401L-AG6-R UT6401G-AG6-R SOT-26 D D G S D D Tape Reel MARKING |
Podobny numer części - UT6401 |
|
Podobny opis - UT6401 |