| Zakładka z wyszukiwarką danych komponentów |
|
DTC124EG-AN3-R Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC124EG-AN3-R Arkusz danych(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., DTC124E NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., QW-R206-045,D NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS) FEATURES *Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTC124EL-AE3-R DTC124EG-AE3-R SOT-23 G I O Tape Reel DTC124EL-AL3-R DTC124EG-AL3-R SOT-323 G I O Tape Reel DTC124EL-AN3-R DTC124EG-AN3-R SOT-523 G I O Tape Reel Note: Pin Assignment: G: GND I: IN O: OUT MARKING |
Podobny numer części - DTC124EG-AN3-R |
|
Podobny opis - DTC124EG-AN3-R |