| Zakładka z wyszukiwarką danych komponentów |
|
AD8021 Arkusz danych(PDF) 22 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8021 Arkusz danych(HTML) 22 Page - Analog Devices |
|
22 / 28 page ![]() ADA4896-2/ADA4897-1/ADA4897-2 Data Sheet Rev. | Page 22 of 28 MEDICAL ULTRASOUND APPLICATIONS BEAMFORMER CENTRAL CONTROL Rx BEAMFORMER (B AND F MODES) COLOR DOPPLER PROCESSING (F MODE) IMAGE AND MOTION PROCESSING (B MODE) SPECTRAL DOPPLER PROCESSING MODE DISPLAY AUDIO OUTPUT Tx BEAMFORMER TRANSDUCER ARRAY HV MUX/ DEMUX T/R SWITCHES AD9279 AAF VGA LNA ADC CW (ANALOG) BEAMFORMER ADA4896-2/ ADA4897-1/ ADA4897-2 Figure 54. Simplified Ultrasound System Block Diagram Overview of the Ultrasound System Medical ultrasound systems are among the most sophisticated signal processing systems in widespread use today. By transmit- ting acoustic energy into the body and receiving and processing the returning reflections, ultrasound systems can generate images of internal organs and structures, map blood flow and tissue motion, and provide highly accurate blood velocity information. Figure 54 shows a simplified block diagram of an ultrasound system. The ultrasound system consists of two main operations: the time gain control (TGC) operation and the continuous wave (CW) Doppler operation. The AD9279 integrates the essential components of these two operations into a single IC. It contains eight channels of a variable gain amplifier (VGA) with a low noise preamplifier (LNA), an antialiasing filter (AAF), an analog-to-digital converter (ADC), and an I/Q demodulator with programmable phase rotation. For detailed information about how to use the AD9279 in an ultrasound system, see the AD9279 data sheet. B |