| Zakładka z wyszukiwarką danych komponentów |
|
AD8142ACPZ-R2 Arkusz danych(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8142ACPZ-R2 Arkusz danych(HTML) 24 Page - Analog Devices |
|
24 / 24 page ![]() AD8141/AD8142 Rev. 0 | Page 24 of 24 OUTLINE DIMENSIONS 0.50 BSC 0.50 0.40 0.30 0.30 0.25 0.18 COMPLIANT TO JEDEC STANDARDS MO-220-WGGD. BOTTOM VIEW TOP VIEW EXPOSED PAD PIN 1 INDICATOR 4.10 4.00 SQ 3.90 SEATING PLANE 0.80 0.75 0.70 0.05 MAX 0.02 NOM 0.20 REF 0.25 MIN COPLANARITY 0.08 PIN 1 INDICATOR 1 24 7 12 13 18 19 6 2.65 2.50 SQ 2.45 FORPROPERCONNECTIONOF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. Figure 50. 24-Lead Lead Frame Chip Scale Package [LFCSP_WQ] 4 mm × 4 mm Body, Very Very Thin Quad (CP-24-7) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Package Package Description Package Option AD8141ACPZ-R2 −40°C to +85°C 24-Lead LFCSP_WQ CP-24-7 AD8141ACPZ-RL −40°C to +85°C 24-Lead LFCSP_WQ CP-24-7 AD8141ACPZ-R7 −40°C to +85°C 24-Lead LFCSP_WQ CP-24-7 AD8142ACPZ-R2 −40°C to +85°C 24-Lead LFCSP_WQ CP-24-7 AD8142ACPZ-RL −40°C to +85°C 24-Lead LFCSP_WQ CP-24-7 AD8142ACPZ-R7 −40°C to +85°C 24-Lead LFCSP_WQ CP-24-7 AD8142-EVALZ Evaluation Board 1 Z = RoHS Compliant Part. ©2011 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D09461-0-7/11(0) |