| Zakładka z wyszukiwarką danych komponentów |
|
ADP222ACPZ-1218-R7 Arkusz danych(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP222ACPZ-1218-R7 Arkusz danych(HTML) 21 Page - Analog Devices |
|
21 / 24 page ![]() Data Sheet ADP222/ADP223/ADP224/ADP225 Rev. B | Page 21 of 24 The junction temperature of the ADP222/ADP223/ADP224/ ADP225 can be calculated by TJ = TA + (PD × θJA) (2) where: TA is the ambient temperature. PD is the power dissipation in the die, given by PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND) where: ILOAD is the load current. IGND is the ground current. VIN and VOUT are input and output voltages, respectively. Power dissipation due to ground current is quite small and can be ignored. Therefore, the junction temperature equation simplifies to the following: TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA} As shown in the simplified equation, for a given ambient temperature, input- to-output voltage differential, and continuous load current, there exists a minimum copper size requirement for the PCB to ensure that the junction temperature does not rise above 125°C. Figure 72 to Figure 75 show junction temperature calculations for different ambient temperatures, power dissipation, and areas of PCB copper. 140 120 100 80 60 40 20 0 TOTAL POWER DISSIPATION (W) 0 0.2 0.4 0.6 0.8 1.0 1.2 6400mm2 1000mm2 500mm2 100mm2 25mm2 JEDEC TJ MAX Figure 72. 8-Lead LFCSP, TA = 25°C 140 120 100 80 60 40 20 0 TOTAL POWER DISSIPATION (W) 0 0.2 0.4 0.6 0.8 1.0 1.2 6400mm2 1000mm2 500mm2 100mm2 25mm2 JEDEC TJ MAX Figure 73. 8-Lead LFCSP, TA = 50°C 140 120 100 80 60 40 20 0 TOTAL POWER DISSIPATION (W) 0 0.2 0.4 0.6 0.8 1.0 1.2 6400mm2 1000mm2 500mm2 100mm2 25mm2 JEDEC TJ MAX Figure 74. 8-Lead LFCSP, TA = 85°C 140 120 100 80 60 40 20 0 TOTAL POWER DISSIPATION (W) 0 2 1 3 4 5 6 7 TB = 25°C TB = 50°C TB = 85°C TJ MAX Figure 75. 8-Lead LFCSP, TA = 85°C In the case where the board temperature is known, use the thermal characterization parameter, ΨJB, to estimate the junction temperature rise (see Figure 75). Maximum junction temperature (TJ) is calculated from the board temperature (TB) and power dissipation (PD) using the following formula: TJ = TB + (PD × ΨJB) (3) The typical value of ΨJB is 18.2°C/W for the 8-lead LFCSP package. |