Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC1060LP3E Arkusz danych(PDF) 9 Page - Hittite Microwave Corporation

Numer części HMC1060LP3E
Szczegółowy opis  QUAD LOW NOISE HIGH PSRR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1060LP3E Arkusz danych(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC1060LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 10Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 11Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 12Page - Hittite Microwave Corporation HMC1060LP3E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
HMC1060LP3E
v00.1211
QUAD LOW NOISE HIGH PSRR
LINEAR VOLTAGE REGULATOR
Application Schematic
in order to achieve the typical noise performance specified in the electrical Specifications table, a 4.7 µF decoupling
capacitor between reF and gnd pins (C1), and 100 nF capacitors connected between output pins Vrx (x=1,2,3,4)
and respective rdx pins (C2, C3, C4 and C5) are required. if noise performance is not critical for a particular output,
the 100 nF capacitor can be omitted for the corresponding regulator output. in that case, noise spectral density will
typically increase by a factor of 20 at 10 kHz. the 4.7 µF reF capacitor causes approximately 40 ms typical turn-on
start-up time. the effects of reducing the reF capacitor on regulator noise performance and regulator turn-on time
are shown in Figure 2 and external enable Pin & Power Up timing section respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com