| Zakładka z wyszukiwarką danych komponentów |
|
A107K1CWCQ0Q Arkusz danych(PDF) 11 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
A107K1CWCQ0Q Arkusz danych(HTML) 11 Page - Tyco Electronics |
|
11 / 13 page ![]() C32 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Gemini Series Toggle Switches, A Series, Right Angle, Short Bat Actuators SEE PAGE C22 FOR PRODUCT SPECIFICATIONS SPDT DPDT SPDT DPDT Tyco Alcoswitch Tyco Alcoswitch Type Act. Code P. M5 Electronics Electronics Silver Contacts Gold Contacts 1-1437554-6 A101MD9AQ 1-1437554-4 A101MD9AB SPDT 1 On None On 6-1437554-1 A103MD9AQ 5-1437554-9 A103MD9AB SPDT 5 On Off On A108MD9AQ 1-1437555-2 A108MD9AB SPDT 1 On None (On) Tyco Alcoswitch Tyco Alcoswitch Type Act. Code P. M5 Electronics Electronics Silver Contacts Gold Contacts 1-1437554-9 A101MD9AV2Q 1-1437554-7 A101MD9AV2B SPDT 1 On None On A103MD9AV2Q 6-1437554-2 A103MD9AV2B SPDT 5 On Off On A108MD9AV2Q SPDT 1 On None (On) Tyco Alcoswitch Tyco Alcoswitch Type Act. Code P. M5 Electronics Electronics Silver Contacts Gold Contacts 3-1437555-0 A201MD9AV2Q 2-1437555-9 A201MD9AV2B DPDT 2 On None On A203MD9AV2Q A203MD9AV2B DPDT 6 On Off On A208MD9AV2Q A208MD9AV2B DPDT 2 On None (On) Tyco Alcoswitch Tyco Alcoswitch Type Act. Code P. M5 Electronics Electronics Silver Contacts Gold Contacts 2-1437555-8 A201MD9AQ 2-1437555-7 A201MD9AB DPDT 2 On None On 5-1437555-4 A203MD9AB DPDT 6 On Off On A201MD9AQ Horizontal Actuation A101MD9AQ Horizontal Actuation A101MD9AV2Q Vertical Actuation A201MD9AV2AQ Vertical Actuation .500 (12.7) .200 (5.08) .185 (4.70) Typ. .073 (1.85) Dia. 32 1 .205 (5.21) .048 (1.22) .200 (5.08) .270 (6.86) .280 (7.11) .500 (12.70) .050 (1.27) .185 (4.70) Typ. .030 (0.76) .500 (12.70) .270 (6.86) .125 (3.18) Keyway .453 (11.53) .200 (5.08) .500 (12.70) Epoxy Seal .270 (6.86) .280 (7.11) .500 (12.70) .150 (3.81) .050 (1.27) Typ. .040 (1.02) .185 (4.70) Typ. .030 (0.76) .205 (5.21) .500 (12.7) .200 (5.08) .185 (4.70) Typ. .073 (1.85) Dia. .150 (3.81) 65 4 32 1 .048 (1.22) Keyway 3 .500 (12.7) .200 (5.08) .073 (1.85) Dia. TYP. 2 1 .150 (3.81) .040 (1.02) .287 (7.30) .050 (1.26) .150 (3.81) .200 (5.08) .500 (12.7) .910 (23.0) Ref. .270 (6.86) .252 (6.40) Dia. .106 (2.70) Dia. 25˚ .016 (0.40) .031 (0.81) Typ. Epoxy Seal .125 (3.18) .048 (1.22) Typ. .496 (12.6) .126 (3.20) Keyway 3 .500 (12.7) .200 (5.08) .073 (1.85) Dia. 2 1 .150 (3.81) .453 (11.50) .287 (7.30) .050 (1.26) .150 (3.81) .200 (5.08) .500 (12.7) .910 (23.0) Ref. .270 (6.86) .252 (6.40) Dia. .106 (2.70) Dia. 25˚ .016 (0.40) .031 (0.81) Typ. Epoxy Seal .125 (3.18) .048 (1.22) Typ. .040 (1.02) .500 (12.70) .190 (4.83) 6 5 4 .190 (4.80) Keyway * Refer to Pages C22-C26 for Additional Options * |