Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

78DXXL-TNA-R Arkusz danych(PDF) 2 Page - Advanced Monolithic Systems Ltd

Numer części 78DXXL-TNA-R
Szczegółowy opis  3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMS [Advanced Monolithic Systems Ltd]
Strona internetowa   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

78DXXL-TNA-R Arkusz danych(HTML) 2 Page - Advanced Monolithic Systems Ltd

  78DXXL-TNA-R Datasheet HTML 1Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 2Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 3Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 4Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 5Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 6Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 7Page - Advanced Monolithic Systems Ltd 78DXXL-TNA-R Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-223
TO-251
TO-252
TO-252-3
05:
06:
08:
09:
12:
15:
18:
5V
6V
8V
9V
12V
15V
18V
AMS78DXX
Advanced Monolithic Systems http://www.ams-semitech.com
2
AMS



Html Pages

1 2 3 4 5 6 7 8