| Zakładka z wyszukiwarką danych komponentów |
|
LTC3101 Arkusz danych(PDF) 23 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC3101 Arkusz danych(HTML) 23 Page - Linear Technology |
|
23 / 50 page ![]() LTC3589/LTC3589-1/ LTC3589-2 23 3589fe OPERATION quency to 1.125MHz. Selection of the operating frequency is determined by desired efficiency, component size and converter duty cycle. Operation at lower frequency improves efficiency by reduc- ing internal gate charge and switching losses but requires larger inductance and capacitance values for comparable output ripple voltage. The lowest duty cycle of the step- down switching regulator is determined by the converters minimum on-time. Minimum on-time is the shortest time duration that the converter is capable of turning its top PMOS on and off again. The time consists of the gate charge time plus internal delays associated with peak current sensing. The minimum on-time of the LTC3589 is approximately 90ns. If the duty cycle falls below what can be accommodated by the minimum on-time, the converter will begin to skip cycles. The output voltage will continue to be regulated but the ripple voltage and current will increase. With the switching frequency set to 2.25MHz, the minimum supported duty cycle is 20%. Switching at 1.125MHz the converter can support a 10% duty cycle. Phase Selection To reduce the cycle by cycle peak current drawn by the switching regulators, the clock phase of each of the LTC3589 step-down switching regulators can be set using I2C com- mand register bits B1DTV2[6], B2DTV2[6] and B3DTV2[6]. The internal full-rate clock has a nominal duty cycle of 20% while the half-rate clocks have a 50% duty cycle. Setting the command register bits high will delay the start of each converter switching cycle by 20% or 50% depending on the selected operating frequency. Inductor Selection The choice of step-down switching regulator inductor influ- ences the efficiency of the converter and the magnitude of the output voltage ripple. Larger inductance values reduce inductor current ripple and therefore lower output voltage ripple. A larger value inductor improves efficiency by low- ering the peak current to be closer to the average output current. Larger inductors, however, generally have higher series resistance that counters the efficiency advantage of reduced peak current. Inductor ripple current is a function of switching frequency, inductance, VIN, and VOUT, as shown in this equation: IL = 1 f• L •VOUT 1– VOUT VIN In an example application the LTC3589 step-down switching regulator 3 has a maximum load of 1A, VIN equals 3.8V, and VOUT is set for 1.2V. A good starting design point for inductor ripple is 30% of output current or 300mA. Using the equation for ripple current, a 1.2μH inductor should be selected. An inductor with low DC resistance will improve converter efficiency. Select an inductor with a DC current rating at least 1.5 times larger than the maximum load current to ensure the inductor does not saturate during normal operations. If short-circuit is a possible condition, the inductor should be rated to handle the maximum peak current specified for the step-down converter. Table 8 shows inductors that work well with the step-down switching regulators. Input/Output Capacitor Selection Low ESR (equivalent series resistance) ceramic capacitors should be used at both the output and input supply of the switching regulators. Only X5R or X7R ceramic capacitors should be used because they retain their capacitance over wider voltage and temperature ranges than other ceramic types. A 22μF capacitor is sufficient for the step-down switching regulator outputs. For good transient response and stability the output capacitor should retain at least 10μF of capacitance over operating temperature and bias voltage. Place at least 4.7μF decoupling capacitance as close as possible to each PVIN pin. Refer to Table 12 for recommended ceramic capacitor manufacturers. |