| Zakładka z wyszukiwarką danych komponentów |
|
SC74R Arkusz danych(PDF) 21 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
SC74R Arkusz danych(HTML) 21 Page - Diodes Incorporated |
|
21 / 27 page ![]() ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 21 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated TO252-4 Dimensions Value (in mm) c 1.27 c1 2.54 X 1.00 X1 5.73 Y 2.00 Y1 6.17 Y2 1.64 Y3 2.66 TO252-5 TO263-5 Dimensions Value (in mm) X 5.6 X1 0.6 Y 11.0 Y1 5.6 Y2 2.0 C1 7.2 C2 1.27 Dimensions Value (in mm) X 10.9 X1 1.05 Y 15.7 Y1 9.1 Y2 2.5 C 1.7 TSOT25 Dimensions Value (in mm) C 0.950 X 0.700 Y 1.000 Y1 3.199 X1 Y1 Y2 Y3 Y X (4x) c c1 Y2 Y Y1 X C2 C1 X1 Y2 Y Y1 X C X1 Y1 C C X (5x) Y (5x) |