| Zakładka z wyszukiwarką danych komponentów |
|
TLE5250 Arkusz danych(PDF) 1 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
TLE5250 Arkusz danych(HTML) 1 Page - Siemens Semiconductor Group |
|
1 / 22 page ![]() Semiconductor Group 1 1998-02-01 2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface SPT-IC Overview Features • Single phase driver for stepper motor 2.5 A • Low ON-resistance (typical 0.3 Ω) • Wide supply range 6 V to 45 V • Wide current range 10 mA to 3 A • Fast nominal/actual comparator for micro stepper mode • Wide temperature range • Short circuit protection • Under voltage shutdown • Overtemperature shutdown • Serial diagnostic interface • Fast freewheeling diodes • TTL-compatible inputs P-SIP-15-1 TLE 5250 Description TLE 5250 is a monolithic IC in Smart Power technology for controlling and regulating the motor current in one phase of a bipolar stepping motor. There are other applications in driving DC motors and inductive loads that are operated on constant current. The device has TTL-compatible logic inputs, includes a H-bridge with integrated, fast free-wheeling diodes plus dynamic limiting of the motor current by a chopper mode. The nominal current can be set continuously by a control voltage. Microstep mode can be produced by applying a sinusoidal control voltage. Two TLE 5250s, with a minimum of external circuitry and a single supply voltage, form a complete system - that can be driven direct by an MC- for two-phase, bipolar stepping motors with output current of up to 2.5 A per phase. The outputs of the IC are internally protected against shorted to ground, supply voltage and shorted load. The output stages are also disabled by undervoltage and overtemperature. All fault functions can be detected by the internal diagnostics, which can be read out serially. Type Ordering Code Package TLE 5250 Q67000-A9103 P-SIP-15-1 |
Podobny numer części - TLE5250 |
|
Podobny opis - TLE5250 |