| Zakładka z wyszukiwarką danych komponentów |
|
SP230ACT Arkusz danych(PDF) 15 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP230ACT Arkusz danych(HTML) 15 Page - Sipex Corporation |
|
15 / 17 page ![]() 15 Date: 8/3/04 + 5V Powered Multi-Channel RS-232 Drivers/Receivers © Copyright 2004 Sipex Corporation 241B 10 GND T3 20 1 33 T2 63 22 T1 72 T IN 1 T OUT 1 400k Ω 400k Ω 400k Ω T IN T IN T OUT T OUT R2 5 27 R IN R OUT 2 R1 8 4 R IN R OUT 1 2 1 5k Ω 5k Ω R4 26 18 R IN R OUT 4 R3 22 23 R IN R OUT 3 4 3 5k Ω 5k Ω R5 19 9 R IN R OUT 5 5 5k Ω SD 25 EN 24 T4 21 28 44 400k Ω T IN T OUT 16 15 14 12 C + C - C + C - 2 2 1 1 17 11 V CC V+ + + + + 1–10µF 16V 1–10µF 16V 1–10µF 6.3V +5V to +10V Voltage Doubler +10V to -10V Voltage Inverter +5V INPUT 13 V- 1–10µF 6.3V 10 GND T3 20 1 33 T2 63 22 T1 72 T IN 1 T OUT 1 400k Ω 400k Ω 400k Ω T IN T IN T OUT T OUT R2 5 27 R IN R OUT 2 R1 8 4 R IN R OUT 1 2 1 5k Ω 5k Ω R4 26 18 R IN R OUT 4 R3 22 23 R IN R OUT 3 4 3 5k Ω 5k Ω R5 19 9 R IN R OUT 5 5 5k Ω SD 25 EN 24 T4 21 28 44 400k Ω T IN T OUT 16 15 14 12 C + C - C + C - 2 2 1 1 17 11 V CC V+ + + + + 1–10µF 16V 1–10µF 16V 1–10µF 6.3V +5V to +10V Voltage Doubler +10V to -10V Voltage Inverter +5V INPUT 13 V- 1–10µF 6.3V 241A 240A/B 18 GND T3 37 6 3 3 T2 8 2 2 T1 7 T IN 1 T OUT 1 400k 400k Ω 400k Ω T IN T IN T OUT T OUT 13 R IN R OUT 2 R1 16 10 R IN R OUT 1 2 1 R4 3 35 R IN R OUT 4 R3 39 40 R IN R OUT 3 4 3 R5 36 17 R IN R OUT 5 5 SD 43 EN 42 28 27 25 30 19 VCC V+ 10µF 16V 4.7µF 16V 4.7µF 6.3V +5V to +10V Voltage Doubler +10V to -10V Voltage Inverter +5V INPUT 26 V- 10µF 6.3V SP240A/B 14 15 29 4 5kΩ T5 2 41 T4 5 400k Ω 400k Ω T IN T IN T OUT 38 4 5 T OUT 5 4 C + 1 C – 1 C + 2 C – 2 R2 5kΩ 5kΩ 5kΩ 5kΩ TYPICAL CIRCUITS |