| Zakładka z wyszukiwarką danych komponentów |
|
SPC5643LFF2MMM8 Arkusz danych(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5643LFF2MMM8 Arkusz danych(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 136 page ![]() MPC5643L Microcontroller Data Sheet, Rev. 8.1 Package pinouts and signal descriptions Freescale Semiconductor 36 144 A[15] SIUL GPIO[15] GPIO[15] eTimer_1 ETC[5] ETC[5] FlexCAN_1 — RXD FlexCAN_0 — RXD SIUL — EIRQ[14] 1 V PP_TEST should always be tied to ground (VSS) for normal operations. Table 4. 257 MAPBGA pin function summary Pin # Port/function Peripheral Output function Input function A1 VSS_HV_IO_RING — A2 VSS_HV_IO_RING — A3 VDD_HV_IO_RING — A4 H[2] SIUL GPIO[114] GPIO[114] NPC MDO[5] — A5 H[0] SIUL GPIO[112] GPIO[112] NPC MDO[7] — A6 G[14] SIUL GPIO[110] GPIO[110] NPC MDO[9] — A7 D[3] SIUL GPIO[51] GPIO[51] FlexRay CB_TX — eTimer_1 ETC[4] ETC[4] FlexPWM_0 A[3] A[3] A8 C[15] SIUL GPIO[47] GPIO[47] FlexRay CA_TR_EN — eTimer_1 ETC[0] ETC[0] FlexPWM_0 A[1] A[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC A9 VDD_HV_IO_RING — A10 A[12] SIUL GPIO[12] GPIO[12] DSPI_2 SOUT — FlexPWM_0 A[2] A[2] FlexPWM_0 B[2] B[2] SIUL — EIRQ[11] Table 3. 144 LQFP pin function summary (continued) Pin # Port/function Peripheral Output function Input function |