| Zakładka z wyszukiwarką danych komponentów |
|
SFS3028 Arkusz danych(PDF) 2 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SFS3028 Arkusz danych(HTML) 2 Page - Solid States Devices, Inc |
|
2 / 2 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: SCR010B DOC ELECTRICAL CHARACTERISTICS Symbol Min Typical Max Unit Peak Reverse Blocking Current Rated VRRM, RGK = 1000 Ω TC = 25°C TC = 150°C IRRM –– 0.08 0.15 0.1 50 μA Peak Forward Blocking Current Rated VDRM, RGK = 1000 Ω TC = 25°C TC = 150°C IDRM –– 0.08 0.15 0.1 20 μA Peak On-State Voltage IF = 1.0 A pulse VTM 0.8 1.1 1.5 V Gate Trigger Current VD = 5 VDC, RL = 100 Ω, Re = 10 kΩ TC = 25°C TC = -65°C IGT –– –– 25 50 200 1200 μA Gate Trigger Voltage VD = 5 VDC, RL = 100 Ω, Re = 100 Ω TC = 25°C TC = -65°C TC = 150°C VGT 0.4 0.6 0.1 0.55 0.75 0.20 0.8 1.1 0.6 V Holding Current VD = 5 VDC, RGK = 1000 Ω TC = 25°C TC = -65°C TC = 150°C IH 0.3 0.5 0.05 1.0 1.5 0.38 5.0 10.0 1.0 mA Case Outline: SMD.22 PAD 1: ANODE PAD 2: CATHODE PAD 3: GATE Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, CA 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SFS3027S.22 through SFS3029S.22 |