| Zakładka z wyszukiwarką danych komponentów |
|
LF-345KB Arkusz danych(PDF) 49 Page - NEC |
|
|
|||||||||||||||||||||||||||||
LF-345KB Arkusz danych(HTML) 49 Page - NEC |
|
49 / 51 page ![]() Noise Filters VOL.11 49 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9615NFSVOL11E1106E1 GL-2030M Normal mode 100 90 80 70 60 50 40 30 20 10 0 GL-2030M Common mode Frequency (MHz) 0.1 0.2 0.5 1.0 5.0 10 20 30 Attenuation (Static Characteristics) bGL-M Type 2-4.3ø 38 16 22.5 +0.5 –0 3P inlet with IEC320 VI specifications Faston® tab terminal#250 82 63.5 23 –0 2-M3 Reference installation dimensions for panel rear installation *Faston® is a registered trademark of Tyco Electronics AMP. *Recommended torque (N・m) max. ◆Panel installation (M3: 0.735) Shape and Dimensions bGL-M Type E (Inlet side) IN E (Faston® terminal side) Circuit Diagram bCommon mode bNormal mode P Z0 Z0 P: Power divider Z0 : 50 Z0 : 50 Z0 Z0 Z0 EMI/EMC filter EMI/EMC filter Measuring Circuit GL Series M Type [RoHS Compliant] GL Series M Type [RoHS Compliant] GL-2030M 250 3 1500 300 0.5 1 30 –25 to +55 UL, CSA, TÜV 200 GL-2060M 250 6 1500 300 0.5 1 30 –25 to +55 UL, CSA, TÜV 205 GL-2100M 250 10 1500 300 0.5 1 30 –25 to +55 UL, CSA, TÜV 210 Rated Rated WithstandingInsulation resistance Leakage Voltage Self- Operating Model voltage current voltage 1 min., 500VDC 1 min., currentdrop temperature temperatureCertified Weight AC/DC (V) AC/DC (A) line to groundline to ground 250V/60Hz, 50Hz, rise range standard (g) AC (V) (M ) min. (mA) max. (V) max. (K) max. (˚C) [mm] Inlet Type |