| Zakładka z wyszukiwarką danych komponentów |
|
SL74HC640 Arkusz danych(PDF) 4 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL74HC640 Arkusz danych(HTML) 4 Page - System Logic Semiconductor |
|
4 / 5 page ![]() SL74HC640 System Logic Semiconductor SLS AC ELECTRICAL CHARACTERISTICS(C L=50pF,Input t r=tf=6.0 ns) VCC Guaranteed Limit Symbol Parameter V 25 °C to -55 °C ≤85°C ≤125°C Unit tPLH, tPHL Maximum Propagation Delay, A to B , B to A (Figures 1 and 3) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns tPLZ, tPHZ Maximum Propagation Delay , Direction or Output Enable to A or B (Figures 2 and 4) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns tPZL, tPZH Maximum Propagation Delay , Direction or Output Enable to A or B (Figures 2 and 4) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns tTLH, tTHL Maximum Output Transition Time, Any Output (Figures 1 and 3) 2.0 4.5 6.0 60 12 10 75 15 13 90 18 15 ns CIN Maximum Input Capacitance (Pin 1 or Pin 19) - 10 10 10 pF COUT Maximum Three-State I/O Capacitance (Output in High-Impedance State) - 15 15 15 pF Power Dissipation Capacitance (Per Transceiver Channel) Typical @25 °C,V CC=5.0 V CPD Used to determine the no-load dynamic power consumption: PD=CPDVCC 2f+I CCVCC 40 pF Figure 1. Switching Waveforms Figure 2. Switching Waveforms |