| Zakładka z wyszukiwarką danych komponentów |
|
SBC9-330-252 Arkusz danych(PDF) 67 Page - NEC |
|
|
|||||||||||||||||||||||||||||
SBC9-330-252 Arkusz danych(HTML) 67 Page - NEC |
|
67 / 104 page ![]() Power Inductors VOL.10 67 ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9631PWIVOL10E1205E0 SMD Type [mm] [mm] 10.2 ±0.3 3.8 ±0.2 (2.8) (7.5) (1.3) (1.3) Shape and Dimensions 7.1 10.7 1.8 Recommended Land Pattern 10 ●Operating temperature range: −20 to +105℃ (Including self-temperature rise) ●H・DI-1040 Series H ・DI-1040-100 ±30% 35 3.9 H ・DI-1040-150 15 ±20% 52 3.4 H ・DI-1040-220 22 ±20% 63 2.9 H ・DI-1040-330 33 ±20% 100 2.4 H ・DI-1040-470 47 ±20% 140 1.9 H ・DI-1040-680 68 ±20% 220 1.6 H ・DI-1040-1R5 1.5 ±30% 12 7.3 H ・DI-1040-2R0 2.0 ±30% 16 6.4 H ・DI-1040-3R0 3.0 ±30% 17 5.8 H ・DI-1040-4R2 4.2 ±30% 21 5.4 H ・DI-1040-5R6 5.6 ±30% 25 5.0 H ・DI-1040-7R5 7.5 ±30% 27 4.7 H ・DI-1040-101 100 ±20% 300 1.3 Model Inductance at 100kHz,1mA (μH) DC resistance (mΩ)max. Rated current (A) Leadless Power Inductors H ・DI-1040 Series [RoHS Compliant] Leadless Power Inductors H ・DI-1040 Series [RoHS Compliant] |