| Zakładka z wyszukiwarką danych komponentów |
|
MC34708 Arkusz danych(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC34708 Arkusz danych(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 159 page ![]() Analog Integrated Circuit Device Data 13 Freescale Semiconductor MC34708 General Product Characteristics 5 General Product Characteristics 5.1 Maximum Ratings Table 4. Maximum Ratings All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent damage to the device. Symbol Description (Rating) Max. Unit Notes ELECTRICAL RATINGS VBATT, VBP, VLICELL Input Supply Pins • BATT, BP, BPSNS •LICELL 4.8 4.8 V Input Sense Pins • CHRGFB • BATTISNSP, BATTISNSN 7.5 5.5 V LED Drivers Pins • CHRGLEDR, CHRGLEDG 7.5 V IC Core Reference • VCOREDIG • VCORE, VCOREREF, VDDLP • VALWAYS 1.5 3.6 7.5 V Switching Regulators Pins • SWxIN, SWxLX, SWBSTFB • SWxFB, SWxPWGD, SWxCFG •SWBSTLX 5.5 3.6 7.5 V LDO Regulator Pins • VREFDDR, VHALF • VPLL, VGEN1, VINGEN1, VSRTC • VINREFDDR,VDAC, VUSB2, VGEN2, • VINPLL, VDACDRV, LDOVDD, VUSB2DRV, VGEN2DRV 1.5 2.5 3.6 5.5 V GPIO Pins • GPIOVDD, GPIOLVx, PWMx 2.5 V Control Logic Pins •ICTEST • XTAL1, XTAL2 • CLK32KVCC, CLK32K, CLK32KMCU, WDI, STANDBY,INT, PWRON1, PWRON2, GLBRST, PUMSx, SPIVCC, CS, CLK, MOSI, MISO, SDWNB 1.8 2.5 3.6 V Mini/Micro USB Interface Pins • VBUS input sense pin • VUSB • UID, DP, DM, DPLUS, DMINUS, RXD, TXD, MIC, SPKR, SPKL, VINUSB 20 3.6 5.5 V ADC Interface Pins • ADINx, TSX1/ADIN12, TSX2/ADIN13, TSY1/ADIN14, TSY2/ADIN15, TSREF 4.8 V |