| Zakładka z wyszukiwarką danych komponentów |
|
BFH00-3A/F Arkusz danych(PDF) 39 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
BFH00-3A/F Arkusz danych(HTML) 39 Page - Cooper Bussmann, Inc. |
|
39 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com NH Fuse Switch Disconnectors Vertical Style BFD 690V / 250 - 630A Sizes 1, 2, 3A Specifications Description: Vertical Fuse Switch disconnectors are designed to be used with NH Fuses. Enabling safe connection and disconnection operations. Main features are: - Measuring holes in the fuse cover - Possibility to lock the fuse cover - Label for protected circuit identification - Busbar mounting with screws. Ratings: Applications: Distribution and Industrial switchboards with busbar spacing of 185mm Approvals: CE, IEC EN 60947-1, IEC EN 60947-3 Dimensions: Catalogue Numbers Volts: - 690V ac Amps: - 250 - 630A Utilization category - 400V ac - AC23B - 690V ac - AC22B Size Rating (A) Part Reference Terminals UP* 1 Pole Switching 3 Poles Switching 1 250 BFD1-31/LM BFD1-33/LM Pressed-in Nuts with M10 Screw 1 BFD1-31/LW BFD1-33/LW V-shaped Clamps 1 BFD1-31/LL BFD1-33/LL Switch Disconnector for Busbar Systems 185mm Busbar Spacing Connects to Busbar with M12 bolts 1 2 400 BFD2-31/LM BFD2-33/LW Pressed-in Nuts with M10 Screw 1 BFD2-31/LW BFD2-33/LW V-Shaped Clamps 1 BFD2-31/LL BFD2-33/LL Switch Disconnector for Busbar Systems 185mm Busbar Spacing Connects to Busbar with M12 bolts 1 3 630 BFD3-31/LM BFD3-33/LM Pressed-in Nuts with M12 Screw 1 BFD3-31/LW BFD3-33/LW V-Shaped Clamps 1 BFD3-31/LL BFD3-33/LL Switch Disconnector for Busbar Systems 185mm Busbar Spacing Connects to Busbar with M12 bolts 1 * UP = Unit Packing 40 |