| Zakładka z wyszukiwarką danych komponentów |
|
BFR3-3K/LL Arkusz danych(PDF) 13 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
BFR3-3K/LL Arkusz danych(HTML) 13 Page - Cooper Bussmann, Inc. |
|
13 / 55 page ![]() Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Centre Bolted Tags 660 - 690V ac / 2 - 630A 250 - 400V dc Specifications Description: Fuse Links for industrial applications at 660/690V that meets dimensional and performance requirements of BS88 and IEC 269-1-2 standards. Ratings: Applications: Protection of large industrial installations at 660/690Vac Agency Information: Meets BS88: Part 1 & 2 and IEC 269: Parts 1 & 2 RoHS Compliant Dimensions Catalogue Numbers Industrial Applications to BS88 - 660/690V Rating (A) Catalogue Number BS Reference Fixing Centres (mm) Unit Packing 2 2K08-660 N/A 93 20 4 4K08-660 6 6K08-660 10 10K08-660 16 16K08-660 20 20K08-660 32 32K08-660 40 40K08-660 50 50K08-660 63 63K08-660 Part No Dimensions (mm) A B C D E F G H K08-660 2-32A 111.0 92.5 53.7 22.0 2.4 12.7 13.0 7.5 K08-660 40-63A 111.5 93.0 54.2 25.0 K09-660 2-32A 127.0 111 53.7 22.0 2.4 14.0 15.2 8.7 K09-660 40-63A 128.0 111 54.2 25.0 125 125N11-660 N/A 133 1 160 160N11-660 200 200N11-660 250 250N11-660 315 315N11-660 355 355P11-660 C1 133/184 1 400 400P11-660 450 450R11-660 C2 133/184 1 500 500R11-660 560 560R11-660 630 630R11-660 355 355P12-660 N/A 167/231 1 400 400P12-660 450 450R12-660 500 500R12-660 560 560R12-660 630 630R12-660 2 2K09-660 N/A 111 20 4 4K09-660 6 6K09-660 10 10K09-660 16 16K09-660 20 20K09-660 32 32K09-660 40 40K09-660 50 50K09-660 63 63K09-660 80 80L09-660 B1 100 100L09-660 125 125M09-660 B2 160 160M09-660 200 200M09-660 250 250N09-600 B3 315 315N09-660 355 355P09-660 B4 400 400P09-660 Part No Dimensions (mm) A B C D E F G H L09-660 136.0 111 65.5 35.5 3.2 19.0 15.1 8.7 M09-660 135.0 111 65.0 37.0 3.2 19.0 15.0 8.7 N09-660 135.0 111 73.0 49.0 3.2 25.4 12.7 9.5 P09-660 135.5 111 75.0 58.5 4.7 25.4 12.7 9.5 N11-660 162.0 133 73.0 49.0 3.2 25.4 15.8 10.5 Part No Dimensions (mm) A B C D E F G H J P11-660 212.0 184 133 75.0 25.4 16.0 10.0 59.0 5.0 P12-660 262.0 231 167 R11-660 210.0 184 133 76.0 26.0 16.0 10.0 74.0 6.5 R12-660 262.0 231 167 Volts: - 660 / 690V ac - 250V dc (2 - 63A) (K08, K09) - 400V dc (80 - 630A) (L09, M09, N09, P09, N11, P11, P12, R11, R12) Amps: - 2 - 630A IR - 80kA @ 660V ac - 40kA @ 250V dc/400V dc Data Sheets: K08: 415 / L09: 4156 / M09: 4157 / N09: 4158 / P09: 4159 / N11: 4160 / P11: 4161 / R11: 4162 / R12: 4162 14 |