Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD39150PT25-R Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części LD39150PT25-R
Szczegółowy opis  Ultra low drop BiCMOS voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39150PT25-R Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button LD39150PT25-R Datasheet HTML 7Page - STMicroelectronics LD39150PT25-R Datasheet HTML 8Page - STMicroelectronics LD39150PT25-R Datasheet HTML 9Page - STMicroelectronics LD39150PT25-R Datasheet HTML 10Page - STMicroelectronics LD39150PT25-R Datasheet HTML 11Page - STMicroelectronics LD39150PT25-R Datasheet HTML 12Page - STMicroelectronics LD39150PT25-R Datasheet HTML 13Page - STMicroelectronics LD39150PT25-R Datasheet HTML 14Page - STMicroelectronics LD39150PT25-R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LD39150xx
Application notes
11/19
7
Application notes
7.1
External capacitors
The LD39150xx requires external capacitors for regulator stability. These capacitors must be
selected to meet the requirements of minimum capacitance and equivalent series resistance
(see Figure 15 and Figure 16). The input/output capacitors must be located less than 1cm
from the relative pins and connected directly to the input/output ground pins using traces
which have no other currents flowing through them. Any good quality of Ceramic or
Electrolytic capacitors can be used.
7.2
Input capacitor
An input capacitor whose minimum value is 1 µF is required with the LD39150xx (amount of
capacitance can be increased without limit). This capacitor must be located a distance of not
more than 1cm from the input pin of the device and returned to a clean analog ground. Any
good quality ceramic, tantalum or film capacitors can be used for this capacitor.
7.3
Output capacitor
It is possible to use ceramic or tantalum capacitors but the output capacitor must meet the
requirement for minimum amount of capacitance and ESR (equivalent series resistance)
value. A minimum capacitance of 2.2 µF is a good choice to guarantee the stability of the
regulator. Anyway, other CO values can be used according to the (Figure 15 and Figure 16)
showing the allowable ESR range as a function of the output capacitance. This curve
represents the stability region over the full temperature and IO range.
7.4
Thermal note
The output capacitor must maintain its ESR in the stable region over the full operating
temperature range to assure stability. Also, capacitors tolerance and variation with
temperature must be kept in consideration in order to assure the minimum amount of
capacitance at all times.
7.5
Inhibit input operation
The inhibit pin can be used to turn OFF the regulator when pulled down, so drastically
reducing the current consumption down to less than 1 µA. When the inhibit feature is not
used, this pin must be tied to VI to keep the regulator output ON at all times. To assure
proper operation, the signal source used to drive the inhibit pin must be able to swing above
and below the specified thresholds listed in the electrical characteristics section (VIH VIL).
The inhibit pin must not be left floating because it is not internally pulled down/up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19