| Zakładka z wyszukiwarką danych komponentów |
|
LD59015C33R Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD59015C33R Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 16 page ![]() This is information on a product in full production. July 2012 Doc ID 17488 Rev 3 1/16 16 LD59015xx 150 mA low noise high PSRR linear voltage regulator Datasheet − production data Features ■ Input voltage from 2.3 to 5.5 V ■ Very low quiescent current (31 µA typ. at no load, 75 µA typ. at 150 mA load, 1 µA max in OFF mode) ■ Very low noise (20 µVRMS at VOUT = 1.5 V) ■ Output voltage tolerance: ± 1.8% at 25 °C ■ 150 mA guaranteed output current ■ Wide range of output voltages available on request: 0.8 V to 3.3 V in 100 mV steps ■ Logic-controlled electronic shutdown ■ Compatible with ceramic capacitor (COUT = 1 µF) ■ Internal current and thermal limit ■ Package: SOT323-5L ■ Temperature range: -40 °C to 125 °C Description The LD59015xx provides 150 mA of maximum current from an input voltage ranging from 2.3 V to 5.5 V, with a typical dropout voltage of 150 mV. It is stable with ceramic capacitors. High PSRR, low quiescent current and low noise features make it suitable for low power battery-powered applications. Power supply rejection is 80 dB at low frequencies and starts to roll off at 10 kHz. An enable logic control function puts the LD59015xx in shutdown mode, allowing a total current consumption lower than 1 µA. The device also includes short-circuit constant current limiting and thermal protection. Typical applications are mobile phones, personal digital assistants (PDAs), cordless phones and similar battery- powered systems. SOT323-5L Table 1. Device summary Part numbers Order codes Output voltages LD59015XX08 LD59015C08R 0.8 V LD59015XX12 LD59015C12R 1.2 V LD59015XX15 LD59015C15R 1.5 V LD59015XX18 LD59015C18R 1.8 V LD59015XX25 LD59015C25R 2.5 V LD59015XX30 LD59015C30R 3.0 V LD59015XX33 LD59015C33R 3.3 V www.st.com |
Podobny numer części - LD59015C33R |
|
Podobny opis - LD59015C33R |