| Zakładka z wyszukiwarką danych komponentów |
|
SW38-2G Arkusz danych(PDF) 28 Page - Aavid, Thermal Division of Boyd Corporation |
|
|
|||||||||||||||||||||||||||||
SW38-2G Arkusz danych(HTML) 28 Page - Aavid, Thermal Division of Boyd Corporation |
|
28 / 116 page ![]() 28 EUROPE ASIA Italy Tel: +39 051 764011 email: sales.it@aavid.com United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg Taiwan Tel: +886(2) 2698-9888 email: sales@aavid.com.tw AMERICA USA Tel: +1 (603) 224-9988 email: info@aavid.com www.aavidthermalloy.com ORDERING INFORMATION 7021 Channel style heat sink with folded back fins Channel style heat sink with folded back fins for increased cooling surface area. Available with tin plated solderable tabs for easy attachment to the printed circuit card. 44.45 (1.750) 36.83 (1.450) 43.05 (1.695) 14.48 (0.570) 7.87 (0.310) 9.65 (0.380) 17.78 (0.700) 3.81 (0.150) 4.83 (0.190) 3.18 (0.125) 5.58 (0.220) 2x ø 2.02 (0.080) 2.67 (0.105) 2.28 (0.090) "X" TAB Part Number Description 7021BG Channel heat sink with no solderable tabs 7021B-MTG With solderable tabs 2.90 ( 0.114) Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 02 4 6 8 10 4 3 1 2 0 0 400 200 600 800 1000 26.67 (1.050) 48.26 (1.900) 24.13 (0.950) 28.03 (1.104) 49.53 (1.950) 15.49 (0.610) 14.48 (0.570) 3.81 (0.150) THRU 4.83 (0.190) 2.29 (0.090) 3.18 (0.125) 5.08 (0.200) 2.54 (0.100) 19.05 (0.750) 4.45 (0.175) 2x SECTION A-A A A ø "X" TAB Air Velocity—Feet Per Minute Heat Dissipated—Watts 5 0 20 40 60 80 100 02 4 6 8 10 4 3 1 2 0 0 400 200 600 800 1000 Channel style heat sink with folded back fins for increased cooling surface area. Available with tin plated solderable tabs for easy attachment to the printed circuit card. 7023 Channel style heat sink with folded back fins Material: 1.27 (0.050) Thick Aluminum Finish: Black Anodize Material: 1.27 (0.050) Thick Aluminum Finish: Black Anodize ORDERING INFORMATION Part Number Description 7023BG Channel heat sink with no solderable tabs 7023B-MTG With solderable tabs 2.90 ( 0.114) Dia of PCB Plated Thru Hole for Tabs TO-220 Heat Sinks Position Code Description Location Details A TC10-MT Locking device mounting clip and solderable tabs Hole X Page 93, 98 A MT5 Bifurcated tabs with 0.205 stand off Page 93 A MT6 Bifurcated tabs with 0.115 stand off Page 93 A TC10-MT5 Locking device mounting clip and bifurcated tabs Hole X Page 93, 98 Position Code Description Location Details A TC6-MT Locking device mounting clip and solderable tabs Hole X Page 93, 98 A TC7-MT Insulating device mounting clip and solderable tabs Hole X Page93, 98 POPULAR OPTIONS: Dia of PCB Plated Thru Hole for Tabs POPULAR OPTIONS: Base part no. A 7021B- G Base part no. A 7023B- G For additional options see page 85 For additional options see page 85 Grease Epoxy & page112 Mounting Kits page 99 Grease Epoxy & page112 Mounting Kits page 99 |