| Zakładka z wyszukiwarką danych komponentów |
|
STAR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
STAR Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 30 page ![]() TLHH8352 December 1992 STAR TM Surface Mount Tape-and-Reel Specification General Description Tape-and-Reel is a new method for shipment of surface mount devices This approach simplifies the handling of semiconductors for automated circuit board assembly sys- tems A Tape-and-Reel holds hundreds-to-thousands of surface mount devices (as compared with less than 100 devices in a rail) so that pick-and-place machines have to be reloaded less frequently This savings in labor will further reduce manufacturing costs for automated circuit board as- sembly Features Y Conductive PVC material redeuces static charge build- up Y Fully meets proposed EIA standard RS-481A (taping of surface-mounted components for automatic placing) Y Fully compatible with National’s surface mount package types Y Variable code density code 39 bar code label for Auto- mated Inventory Management availability Y Mechanical samples of surface mount packages avail- able in Tape-and-Reel for automated assembly process development Y Single Tape-and-Reel holds hundreds-to-thousands of surface mount semiconductors for additional labor sav- ings Y Conductive cover Tape-and-Reel availability Y Reels individually packed Tape-and-Reel Diagram TLHH8352 – 1 STARTM is a trademark of National Semiconductor Corporation PRELIMINARY C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |