| Zakładka z wyszukiwarką danych komponentów |
|
LM741W/883 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM741W/883 Arkusz danych(HTML) 4 Page - Texas Instruments |
|
4 / 11 page ![]() Absolute Maximum Ratings (Note 1) Supply Voltage ±22V Power Dissipation (Note 2) 500 mW Differential Input Voltage ±30V Input Voltage (Note 3) ±15V Output Short Circuit Duration Continuous Operating Temperature Range −55˚C ≤ T A ≤ +125˚C Storage Temperature Range −65˚C ≤ T A ≤ +150˚C Junction Temperature (T J) 150˚C Lead Temperature (Soldering, 10 Seconds) 300˚C Thermal Resistance θ JA Metal Can (Still Air) 167˚C/W Metal Can (500LF / Min Air Flow) 100˚C/W CERDIP (Still Air) TBD CERDIP (500LF / Min Air Flow) TBD CERPACK (Still Air) 228˚C/W CERPACK (500LF / Min Air Flow) 154˚C/W Ceramic SOIC (Still Air) 228˚C/W Ceramic SOIC (500LF / Min Air Flow) 154˚C/W θ JC Metal Can 44˚C/W CERDIP TBD CERPACK 27˚C/W Ceramic SOIC 27˚C/W Package Weight (typical) Metal Can 1000mg CERDIP 1100mg CERPACK 260mg Ceramic SOIC 225mg ESD Tolerance (Note 4) 400V Quality Conformance Inspection Mil-Std-883, Method 5005 - Group A Subgroup Description Temp ˚C 1 Static tests at 25 2 Static tests at 125 3 Static tests at -55 4 Dynamic tests at 25 5 Dynamic tests at 125 6 Dynamic tests at -55 7 Functional tests at 25 8A Functional tests at 125 8B Functional tests at -55 9 Switching tests at 25 10 Switching tests at 125 11 Switching tests at -55 12 Settling time at 25 13 Settling time at 125 14 Settling time at -55 www.national.com 3 |