Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SNC322 Arkusz danych(PDF) 6 Page - SONiX Technology Company

Numer części SNC322
Szczegółowy opis  Direct Drive Voice/Dual Tone Melody Controller?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONIX [SONiX Technology Company]
Strona internetowa  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC322 Arkusz danych(HTML) 6 Page - SONiX Technology Company

Back Button SNC322 Datasheet HTML 2Page - SONiX Technology Company SNC322 Datasheet HTML 3Page - SONiX Technology Company SNC322 Datasheet HTML 4Page - SONiX Technology Company SNC322 Datasheet HTML 5Page - SONiX Technology Company SNC322 Datasheet HTML 6Page - SONiX Technology Company SNC322 Datasheet HTML 7Page - SONiX Technology Company SNC322 Datasheet HTML 8Page - SONiX Technology Company SNC322 Datasheet HTML 9Page - SONiX Technology Company SNC322 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SNC322
Direct Drive Voice/Dual Tone Melody Controller
VCC
BUO1/VO
1K
DAC output
PWM: A PWM (pulse width modulation) circuit is built-in SNC322. PWM can convert
input digital data into pulse trains with suitable different pulse width. The maximum
resolution of PWM is 7 bits. Two huge output stage circuits are designed in SNC322.
With this advanced circuit, the chip is capable of driving speaker directly without
external transistors.
The recommended application circuit is illustrated as follows.
BUO1/VO
BUO2
PWM Output
Ver: 1.2
December 26, 2002
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11