| Zakładka z wyszukiwarką danych komponentów |
|
SNC562 Arkusz danych(PDF) 4 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC562 Arkusz danych(HTML) 4 Page - SONiX Technology Company |
|
4 / 11 page ![]() SNC562 Two Channel Direct Drive Speech Controller 5.6. I/O Ports P1 is a 4-bit input port and P2/P3 are two 4-bit I/O ports. Any bit of P2 and P3 can be programmed as either input or output port individually. Any valid data transition (H L or L H) of P1, P2 and P3 can reactivate the chip when the chip is in power-down mode. To Internal Data Bus Read Control PAD Weak Input Port Configuration (P10~P13) Port Data Port Status To Internal Data Bus Read Control PAD Weak I/O Port Configuration (P20~P23, P30~P33) Note: weak N-MOS’s can serve as pull-low resistors. Ver: 1.2 November 26, 2002 4 |