| Zakładka z wyszukiwarką danych komponentów |
|
H4P1K0CDD Arkusz danych(PDF) 3 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
H4P1K0CDD Arkusz danych(HTML) 3 Page - Tyco Electronics |
|
3 / 4 page ![]() Axial Leaded Precision Resistors Type HOLCO Series 1773230 CIS BI 06/2011 Dimensions are in millimeters Dimensions are shown for For email, phone or live chat, go to: te.com/help and inches unless otherwise reference purposes only. specified. Values in brackets Specifications subject are standard equivalents. to change. Dimensions H4P H4 H8 Body Length (L) maximum: 10.0 mm 10.0 mm 7.20 mm Body Diameter (D) maximum: 3.70 mm 3.70 mm 2.50 mm Lead Diameter (d) maximum: 0.60 mm 0.60 mm 0.60 mm Lead Length (l) nominal: 30.0 mm 30.0 mm 30.0 mm Recommended Mounting Pitch: 12.7 mm 12.7 mm 10.2 mm Weight (g/100 resistors) 40 40 24 To prevent damage to the components conformal coating, the leads should be adequately supported during the forming process Characteristics - Long Term Stability Long Term Stability Commercial Ratings at 125°C H4P - 1W H4 - 0.5 W H8 - 0.25 W Damp Heat Steady State 93% RH at 40°C Long Term Stability BS CECC 40101 004 Ratings at 70°C H4 - 0.25 W H8 - 0.125 W Long Term Stability BS CECC 40101 030 Ratings at 125°C H4 - 0.125 W H8 - 0.1 W |