| Zakładka z wyszukiwarką danych komponentów |
|
SNL310 Arkusz danych(PDF) 18 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNL310 Arkusz danych(HTML) 18 Page - SONiX Technology Company |
|
18 / 24 page ![]() SNL310 16-Bit LCD Controller 32COM X 128SEG SEG 0……………15 16…………..31 ………………... 104………..119 120………..127 Bit0………….Bit15 Bit0………….Bit15 ………………... Bit0………….Bit15 Bit0………….Bit15 COM0 0x0F00 0x0F01 ………………... 0x0F06 0x0F07 C0M1 0x0F08 0x0F09 ………………... 0x0F0E 0x0F0F : : : : : : : : : : : : : : : : : : COM31 0x0FF0 0x0FF1 ………………... 0x0FF6 0x0FF7 COM32 0x0FF8 0x0FF9 ………………... 0x0FFE 0x0FFF : : 10.5 LCD Interface Configuration There are thee control registers (LCDC, COMN and SEGN) to configure hardware to generate correct interface signal for LCD driver. The COMN and SEGN register are used to specify how many common and segment number of LCD display. And the LCDC register is the most important configuration register for this interface. For the detail setting is showed as bellow: LCD Configuration Register (LCDC) LCDC initial value=0xxx xxx0 0000 0001 Bit 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 LCDC LCDEnb - - - - - - GrayC Pre-Scalar FRate LCDEnb: 1-bit LCD interface enable control 0: disable 1: enable GaryC: Gray level control: 00: Blank/white 01: 2-level 10: 4-level Pre-Scalar: Define LCO1 clock rate 0x000: 16MHZ/4 0x001: 16MHZ/8 0x010: 16MHZ/16 0x011: 16MHZ/32 0x100: 16MHZ/64 0x101: 16MHZ/128 0X110: 16MHZ/256 0x111: 16MHZ/512 FRate: 0x0001: 256HZ (1/256 sec) 0x0010: 128HZ (2/256 sec) 0x0011: 85.3HZ (3/256 sec) 0x0100: 64HZ (4/256 sec) : : 0x1111: 17HZ (15/256 sec) Ver: 1.7 May 2, 2003 18 |