| Zakładka z wyszukiwarką danych komponentów |
|
Y-CONC-R40CU-RJ2L-2000-A Arkusz danych(PDF) 15 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R40CU-RJ2L-2000-A Arkusz danych(HTML) 15 Page - YAMAHA CORPORATION |
|
15 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 14 Part No.: Y-ConAS-13 Accessories Description: IP20 dummy plug for all RJ45 jacks IP20 Dummy-Stecker für alle RJ45 Buchsen Part Number Signal Contacts Power Contacts Orientation Remarks Y-ConJack-11 8 0 90° PCB-Lock Y-ConJack-21 8 2 90° PCB-Lock Y-ConJack-21-PP 8 2 90° Positioning pins Y-ConJack-12 8 0 180° Positioning pins Y-ConJack-22-THR 8 2 180° for THR soldering Y-ConJack-22-WAVE 8 2 180° for Wave soldering Y-ConJack - * * - * Part Number (Details) Outline Dimensions PCB Layout Y-ConJack-11 Description: RJ45 jack 90° and 180°, Cat 5, with improved shielding. Available with additional power contacts. For use with all Y-Con plugs RJ45 Buchse 90° und 180° ,Cat 5, mit verbesserter Schirmung. Auch mit zusätzlichen Kontakten für die Stromversorgung verfügbar. Für den Einsatz mit allen Y-Con Kabelsteckern Material: Jack body PA, UL94V-0 Isolierkörper Shielding Nickel plated brass Schirmung Contact Contact area 30µ”Au/50µ”Ni Kontakte Solder area 80µ”Sn/50µ”Ni Specifications: Operating Temp.: -40°C ~ +120°C Betriebstemp. Solder Temp: Reflow max. 260°C / 10sec. Löttemp. Wave min. 235°C / 3 sec. (only for Y-ConJack-21-PP and Y-ConJack-22- WAVE) Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom Series Power Contacts 1 = without 2 = with 1 = 90° 2 = 180° See remarks in table below |