| Zakładka z wyszukiwarką danych komponentów |
|
TNETA1575 Arkusz danych(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETA1575 Arkusz danych(HTML) 15 Page - Texas Instruments |
|
15 / 45 page ![]() TNETA1575 ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES SDNS040C – MAY 1996 – REVISED JUNE 1998 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 connecting the TNETA1575 to the UTOPIA bus (see Figure 2 and Note A) TNETA1500 TNETA1575 ATM mode ATMCLK1 (82) ATMCLK2 (64) RESCLK (66) RESDATA7–RESDATA0 (72–75, 77–80) RXData RXClk RESSOC (70) RXSoc RESEN (67) RXClav/RXEmpty RESCLAV (69) RXEnb RESPAR (71) RESPERR (81) SEGCLK (95) TXClk SEGDATA(7–0) (84–87, 89–92) TXData SEGSOC (97) TXSoc SEGEN (96) TXFull/TXClav SEGCLAV (98) TXEnb SEGPAR (94) PHY/ATM (83) TNETA1585 ATM mode RXCLK (24) RXDATA7–RXDATA0 (10, 12–13, 15–18, 20) RXSOC (21) RXEMPTY/RXCLAV (22) RXEN (23) CONFIG (9) UTOPIA Bus RXData7–RXData0 RXSoc RXClav/RXEmpty GND GND (64) TWE (61) TXAF (63) TXCELL (68–71, 74–77) TD7–TD0 (65) TCKI (119) RRE (118) RXFE (117) RXCELL (92–95, 98–101) RD7–RD0 (120) RCKI NOTE A: Figures 1 and 2 show the interconnections needed to interface to a TNETA1585 device. If the TNETA1575 is operated without the external scheduler device, then the lines going to the TNETA1585 are ignored, and everything remains as depicted above. CLOCK (26) Figure 2. UTOPIA Bus Connections in ATM Mode |