| Zakładka z wyszukiwarką danych komponentów |
|
Y-CONC-R60CU-RJ2M-2000-B Arkusz danych(PDF) 41 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R60CU-RJ2M-2000-B Arkusz danych(HTML) 41 Page - YAMAHA CORPORATION |
|
41 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 40 Product Tests Vibration 10-500Hz, 50g, no contact interrupt >30ns DIN IEC 60068-2-6 Shock 1 mio. shocks at 50g – Mating / Unmating Force IP20 < 20N DIN EN 60603-7 Effectiveness of lock 50N for 60sec DIN EN 60603-7 Rapid change of temperature -40 ~ +85°C for 100 cycles DIN IEC 60068-2-14 Dry heat 80°C + 120°C for 1,000 hrs DIN IEC 60068-2-2 Damp heat 40°C, 93% humidity for 56 days DIN IEC 60068-2-78 Industrial atmosphere 4 gases for 10 days DIN IEC 60068-2-60 (method 4) Electrical load 1.5A for 1,000 hrs DIN IEC 60512-5 Current rating 2.1A at 70°C DIN IEC 60512-5-2 Strain relief 80N static + 30N dynamic DIN 57472-625 Drag Chain min. 100,000 up to max. 1 mio. cycles – Ultraviolet radiation 40°C, 16 hrs at 700W + 16 hrs at 0W DIN IEC 60068-2-9 Salt spray 48 hrs DIN IEC 60068-2-11 Dust test 20mbar for 8 hrs DIN EN60068-2-68 IP67 0.1 bar (= 1.0m depth) for 30 minutes DIN 40050-9 IP68 0.1 bar (= 1.0m depth) for 48 hrs DIN 40050-9 IP69K High pressure water jet (80 bar) DIN 40050-9 from 4 positions x 30 seconds 80°C water temperature Test Requirement Standards Results only apply to specific products. Not all tests were carried out on all products. Details on request. |