| Zakładka z wyszukiwarką danych komponentów |
|
Y-CONC-R402S-CU2L-2000-C Arkusz danych(PDF) 19 Page - YAMAHA CORPORATION |
|
|
|||||||||||||||||||||||||||||
Y-CONC-R402S-CU2L-2000-C Arkusz danych(HTML) 19 Page - YAMAHA CORPORATION |
|
19 / 42 page ![]() SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 18 Outline Dimensions / PCB Layout Part Number Signal Contacts Power Contacts Orientation Shielding Orientation Y-ConJack-11-3C-1 8 0 90° left Y-ConJack-11-3C-2 8 0 90° top Y-ConJack-11-3C-3 8 0 90° right Y-ConJack-11-3C-4 8 0 90° left + top Y-ConJack-11-3C-5 8 0 90° right + top Y-ConJack-11-3C-6 8 0 90° right + left Y-ConJack-11-3C-7 8 0 90° left + top + right Y-ConJack-21-3C-1 8 2 90° left Y-ConJack-21-3C-2 8 2 90° top Y-ConJack-21-3C-3 8 2 90° right Y-ConJack-21-3C-4 8 2 90° left + top Y-ConJack-21-3C-5 8 2 90° right + top Y-ConJack-21-3C-6 8 2 90° right + left Y-ConJack-21-3C-7 8 2 90° left + top + right Y-ConJack - * 1 - 3C - * Part Number (Details) Series Power Contacts 1 = without 2 = with 1 = 90° 3C = EMI version * = Shielding (see table below) Part Number (Details) Description: RJ45 EMI jack, Cat 5, 90° for THR soldering. Available also with power contacts. Additional shield clips for improved EMI performance. For use with all Y-Con plugs RJ45 EMV Buchse Cat 5, 90° für THR-Verlötung. Auch mit Kontakten für die Stromversorgung. Zusätzliche Schirmfedern verbessern die EMV Eigenschaften. Für den Einsatz mit allen Y-Con Kabelsteckern Material: Jack body PA, UL94V-0 Isolierkörper Shielding Nickel plated brass Shield Clips Stainless Steel Schirmung Contact Contact area 30µ”Au/50µ”Ni Kontakte Solder area 80µ”Sn/50µ”Ni Specifications: Oper. Temp.: -40°C ~ +120°C Betriebstemp. Solder Temp: Reflow max. 260°C / 10sec. Löttemp. . Durability: 1,500 mechanical cycles Lebensdauer Current Rating: 2.1A @ 70°C (power contacts) Bemessungsstrom 19.5 15.9 21.4 Example Y-ConJack-21-3C-7 PCB Layout |